|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION TVS 5KP SERIES GPP TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT PEAK POWER 5.0 WATT STEADY STATE FEATURES * * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 5000 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time R-6 Ratings at 25 o C ambient temperature unless otherwise specified. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters) DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA suffix for types 5KP5.0 thru 5KP110 Electrical characteristics apply in both direction MAXIMUM RATINGS (At TA = 25 C unless otherwise noted) RATINGS Peak Pulse Power Dissipation with a 10/1000uS waveform (Note 1, FIG.1) Peak Pulse Current with a 10/1000uS waveform (Note 1, Fig. 3) o Steady State Power Dissipation at TL = 75 C lead lengths 0.375" (9.5mm) (Note 2) o SYMBOL PPPM IPPM PM(AV) IFSM VF TJ, TSTG o VALUE Minimum 5000 SEE TABLE 1 8.0 400 3.5 -55 to + 175 UNITS Watts Amps Watts Amps Volts 0 Peak Forward Surge Current, 8.3ms single half sine wavesuperimposed on rated load( JEDEC METHOD ) (Note 3) Instantaneous Forward Voltage at 100A, (Note 3) Operating and Storage Temperature Range C 1998-8 NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on copper pad area of 0.8 X 0.8" ( 20 X 20mm ) per Fig. 5 3. Measured on 8.3mS single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. Back RECTRON RECTRON RECTRON |
Price & Availability of 5KP22 |